Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP558 Datasheet (PDF) - Toshiba Semiconductor

TLP558 Datasheet PDF - Toshiba Semiconductor
Part # TLP558
Download  TLP558 Download
File Size   215.78 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter

TLP558 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP558 Datasheet PDF - Toshiba Semiconductor

Part # TLP558
Download  TLP558 Click to download

File Size   215.78 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter

TLP558 Datasheet (HTML) - Toshiba Semiconductor


TLP558 Product details

Isolated Bus Driver
High Speed Line Receiver
Microprocessor System Interfaces
MOS FET Gate Driver
Transistor Inverter

The TOSHIBA TLP558 consists of an infrared emitting diode and integrated high gain, high speed photodetector.
This unit is 8-lead DIP package.
The detector has a three state output stage that provides source drive and sink drive, and built-in schmitt trigger. The detector IC has an internal shield that provides a guaranteed common mode transient immunity of 1000V / μs.
TLP558 is inverter logic type. For buffer logic type, TLP555 is in line-up.

● Input current: IF=1.6 mA (max)
● Power supply voltage: VCC=4.5 to 20 V
● Switching speed: tpHL, tpLH=400ns (max)
● Common mode transient immunity: ±1000V/μs (min)
● Guaranteed performance over temperature: -25 to 85°C
● Isolation voltage: 2500Vrms (min)
● UL-recognized: UL 1577, File No.E67349
● cUL-recognized: CSA Component Acceptance Service
                               No.5A File No.E67349




Similar Part No. - TLP558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP558 TOSHIBA-TLP558 Datasheet
218Kb / 7P
Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558_07 Datasheet
218Kb / 7P
Microprocessor System Interfaces
More results


Similar Description - TLP558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP115A TOSHIBA-TLP115A Datasheet
218Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces Digital Isolation For A / D, D / A Conversion
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
isolated buss driver high speed line receiver
01-Jun-2001
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
05-Mar-1998
TLP591B TOSHIBA-TLP591B_07 Datasheet
183Kb / 4P
Telecommunication Programmable Controllers MOS Gate Driver MOS FET Gate Driver
TLP590B TOSHIBA-TLP590B_07 Datasheet
174Kb / 5P
Telecommunication Programmable Controllers Mos Gate Driver MOS FET Gate Driver
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com