Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP127 Datasheet (PDF) - Toshiba Semiconductor

TLP127 Datasheet PDF - Toshiba Semiconductor
Part # TLP127
Download  TLP127 Download
File Size   328.04 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION

TLP127 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP127 Datasheet PDF - Toshiba Semiconductor

Part # TLP127
Download  TLP127 Click to download

File Size   328.04 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION

TLP127 Datasheet (HTML) - Toshiba Semiconductor


TLP127 Product details

Programmable Controllers DC−Output Module Telecommunication



The TOSHIBA mini flat coupler TLP127 is a small outline coupler, suitable for surface mount assembly. TLP127 consists of a gallium arsenide infrared emitting diode, optically coupled to a darlington photo transistor with an integral base−emitter resistor, and provides 300V VCEO.



•  Collector−emitter voltage: 300 V (min.)

•  Current transfer ratio: 1000% (min.)

•  Isolation voltage: 2500Vrms (min.)

•  UL recognized: UL1577, file no. E67349

•  BSI approved: BS EN60065:2002, certificate no.8927

                      BS EN60950-1:2002, certificate no.8928




Similar Part No. - TLP127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP127 TOSHIBA-TLP127 Datasheet
176Kb / 8P
Photo−Transistor Programmable Controllers
TLP127 TOSHIBA-TLP127 Datasheet
164Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP127 TOSHIBA-TLP127 Datasheet
214Kb / 8P
Programmable Controllers DC−Output Module Telecommunication
2014-09-22
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
Programmable Controllers DC?뭀utput Module Telecommunication
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
More results


Similar Description - TLP127

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
Programmable Controllers DC?뭀utput Module Telecommunication
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP627FT TOSHIBA-TLP627FT Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com