Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet (PDF) - Toshiba Semiconductor

TLP627 Datasheet PDF - Toshiba Semiconductor
Part # TLP627
Download  TLP627 Download
File Size   367.71 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.

TLP627 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP627 Datasheet PDF - Toshiba Semiconductor

Part # TLP627
Download  TLP627 Click to download

File Size   367.71 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.

TLP627 Datasheet (HTML) - Toshiba Semiconductor


TLP627 Product details

PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION



The TOSHIBA TLP627,-2 and -4 consists of a gallium arsenide infrared emitting diode optically coupled to a darlington connected phototransistor which has an integral base-emitter resistor to optimize switching speed and elevated temperature characteristics. The TLP627-2 offers two isolated channels in a eight lead plastic DIP, while the TLP627-4 provide four isolated channels per package. 



Collector-Emitter Voltage        : 300V(Min)

Current Transfer Ratio            : 1000%(Min)

Isolation Voltage                   : 5000Vrms(Min)

UL Recognized                      : UL1577,File No.E67349




Similar Part No. - TLP627

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
logo
ISOCOM COMPONENTS
TLP627 ISOCOM-TLP627 Datasheet
77Kb / 2P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
TLP627-2 TOSHIBA-TLP627-2 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
TLP627-2 TOSHIBA-TLP627-2 Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
More results


Similar Description - TLP627

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP127 TOSHIBA-TLP127 Datasheet
328Kb / 8P
PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
Programmable Controllers DC?뭀utput Module Telecommunication
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP627FT TOSHIBA-TLP627FT Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com