Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2611A Datasheet (PDF) - Emcore Corporation

2611A Datasheet PDF - Emcore Corporation
Part # 2611A
Download  2611A Download
File Size   874.95 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Broadband Photodiode Module

2611A Datasheet (PDF)

Go To PDF Page Download Datasheet
2611A Datasheet PDF - Emcore Corporation

Part # 2611A
Download  2611A Click to download

File Size   874.95 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Broadband Photodiode Module

2611A Datasheet (HTML) - Emcore Corporation


2611A Product details

2611A Broadband Photodiode Module

The 2609C is a packaged impedance-matched photodiode module with internal gain designed for use in optical broadband receivers in fiberoptic networks. The patented impedance-match technology results in improved gain-bandwidth product compared to external circuits due to better control of parasitics between the photodiode and the impedance-matching circuit.
Additionally, the 2611A is designed for superior distortion performance at up to 6 dBm (received) input power.

Features
◾ Flat response, + 0.5 dB
◾ Frequency response up to 1 GHz
◾ High Responsivity
    ◾ >0.85A/W at 1310 nm
    ◾ >0.95 A/W at 1550 nm
◾ Internal current gain, 6 dB (typ.)
◾ Up to 3 dBm max. continuous received power (6 dBm max. peak power)
◾ 75 Ω impedance-matched

Applications
◾ Broadband CATV receivers requireing high input power for improved performance




Similar Part No. - 2611A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2611A AGERE-2611A Datasheet
49Kb / 4P
2611A Broadband Photodiode Module
August 2000
More results


Similar Description - 2611A

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2609B AGERE-2609B Datasheet
49Kb / 4P
2609B Broadband Photodiode Module
August 2000
2609C AGERE-2609C Datasheet
49Kb / 4P
2609C Broadband Photodiode Module
August 2000
2611A AGERE-2611A Datasheet
49Kb / 4P
2611A Broadband Photodiode Module
August 2000
2650A AGERE-2650A Datasheet
57Kb / 4P
2650A/B Broadband Photodiode
April 2001
logo
List of Unclassifed Man...
C30919E ETC1-C30919E Datasheet
623Kb / 3P
Photodiode-Preamplifier Module
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
Broadband Photodiode
2609B EMCORE-2609B Datasheet
938Kb / 4P
Broadband Photodiode Module
logo
M/A-COM Technology Solu...
MAPM-030400-010C00 MA-COM-MAPM-030400-010C00 Datasheet
70Kb / 3P
Broadband Power Module
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
Broadband Photodiode
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
2651A/2651E Broadband Photodiode
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com