Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2609B Datasheet (PDF) - Agere Systems

2609B Datasheet PDF - Agere Systems
Part # 2609B
Download  2609B Download
File Size   49.7 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2609B Broadband Photodiode Module

2609B Datasheet (PDF)

Go To PDF Page Download Datasheet
2609B Datasheet PDF - Agere Systems

Part # 2609B
Download  2609B Click to download

File Size   49.7 Kbytes
Page   4 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 2609B Broadband Photodiode Module

2609B Datasheet (HTML) - Agere Systems


2609B Product details

Description
The 2609B is a packaged impedance-matched photodiode module with internal gain designed for use in optical broadband receivers in fiber-optic networks. The patented impedance-match technology results in improved gain-bandwidth product compared to external circuits due to better control of parasitics between the photodiode and the impedance-matching circuit.

Features
■ Flat response to ±0.5 dB
■ Frequency response up to 860 MHz
■ High responsivity:
    —>0.85 A/W at 1310 nm
    —0.95 A/W at 1550 nm
■ Internal current gain, 6 dB (typ.)
■ 75 Ω impedance-matched

Applications
■ Broadband CATV receivers




Similar Part No. - 2609B

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2609B EMCORE-2609B Datasheet
938Kb / 4P
Broadband Photodiode Module
More results


Similar Description - 2609B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
2609C AGERE-2609C Datasheet
49Kb / 4P
2609C Broadband Photodiode Module
August 2000
2611A AGERE-2611A Datasheet
49Kb / 4P
2611A Broadband Photodiode Module
August 2000
2650A AGERE-2650A Datasheet
57Kb / 4P
2650A/B Broadband Photodiode
April 2001
logo
List of Unclassifed Man...
C30919E ETC1-C30919E Datasheet
623Kb / 3P
Photodiode-Preamplifier Module
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N Datasheet
528Kb / 6P
Broadband Photodiode
2609B EMCORE-2609B Datasheet
938Kb / 4P
Broadband Photodiode Module
2611A EMCORE-2611A Datasheet
874Kb / 4P
Broadband Photodiode Module
logo
M/A-COM Technology Solu...
MAPM-030400-010C00 MA-COM-MAPM-030400-010C00 Datasheet
70Kb / 3P
Broadband Power Module
logo
Emcore Corporation
2651A-020-038-N EMCORE-2651A-020-038-N_12 Datasheet
348Kb / 6P
Broadband Photodiode
2651AE EMCORE-2651AE Datasheet
348Kb / 6P
2651A/2651E Broadband Photodiode
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com