Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N48 Datasheet (PDF) - EPCOS

N48 Datasheet PDF - EPCOS
Part # N48
Download  N48 Download
File Size   227.58 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Ferrites and accessories

N48 Datasheet (PDF)

Go To PDF Page Download Datasheet
N48 Datasheet PDF - EPCOS

Part # N48
Download  N48 Click to download

File Size   227.58 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Ferrites and accessories

N48 Datasheet (HTML) - EPCOS




Similar Part No. - N48

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N482-00U TRIPPLITE-N482-00U Datasheet
169Kb / 2P
High-Density Fiber Cassette Sleeve, 0U, 1-Cassette Capacity
N482-01U TRIPPLITE-N482-01U Datasheet
159Kb / 2P
High Density Fiber Enclosure Panel, 1U, 5-Cassette Capacity
N482-02U TRIPPLITE-N482-02U Datasheet
161Kb / 2P
High Density Fiber Enclosure Panel, 2U, 14-Cassette Capacity
N482-04U TRIPPLITE-N482-04U Datasheet
166Kb / 2P
Enclosure for 28 High-Density Fiber Cassettes, 4U
N482-12M12-X2 TRIPPLITE-N482-12M12-X2 Datasheet
168Kb / 2P
40 GB Pass-Through Cassette, (x12) 12-Fiber MTP/MPO ( Female )
More results


Similar Description - N48

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65888C1512T1 EPCOS-B65888C1512T1 Datasheet
232Kb / 9P
Ferrites and accessories
B64290L40X830 EPCOS-B64290L40X830 Datasheet
94Kb / 6P
Ferrites and accessories
B65513J0000R049 EPCOS-B65513J0000R049_13 Datasheet
207Kb / 7P
Ferrites and accessories
B65523J0000R087 EPCOS-B65523J0000R087_13 Datasheet
243Kb / 8P
Ferrites and accessories
B65621 EPCOS-B65621_13 Datasheet
300Kb / 9P
Ferrites and accessories
B66219G0000X130 EPCOS-B66219G0000X130_13 Datasheet
153Kb / 7P
Ferrites and accessories
B66229G0000X130 EPCOS-B66229G0000X130 Datasheet
256Kb / 8P
Ferrites and accessories
B66285G0000X149 EPCOS-B66285G0000X149_13 Datasheet
323Kb / 11P
Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130_13 Datasheet
188Kb / 8P
Ferrites and accessories
B66372A2000T001 EPCOS-B66372A2000T001_11 Datasheet
85Kb / 4P
Ferrites and accessories
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com