Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N48 Datasheet(PDF) 3 Page - EPCOS

Part # N48
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N48 Datasheet(HTML) 3 Page - EPCOS

  N48 Datasheet HTML 1Page - EPCOS N48 Datasheet HTML 2Page - EPCOS N48 Datasheet HTML 3Page - EPCOS N48 Datasheet HTML 4Page - EPCOS N48 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Complex permeability
versus frequency
(measured on R10 toroids, B
≤0.25 mT)
FAL0546-D
f
μ
kHz
5
5
’
μ ’
,
’
’’
μ
μ ’
10 0
10 1
10 2
5
5
5
10 1
10 2
10 3
10 4
5
4
10
3
10
Permeability factor versus temperature
(measured on P and RM cores, B
≤0.25 mT),
μ
i ≈ 2300
25 ...
(˚C)
25 ... 55
25 ...
25 ... 5
0
T
50
0
μ μ
i . 1i
μμ
10
_
i1i
250
70
0,6 ... 1,25 ... 2,0
(10
0,4 ... 0,9 ... 1,5
0,3 ... 0,8 ... 1,3
0,3 ... 0,8 ... 1,3
40
20
40
25
_
_
F
α
T
˚C
/K)
FAL0694-4
1
T
_6
40
_
20
_
_6
150
_
_250
50
_
Initial permeability
μ
i and relative loss factor
tan
δ/μ
i versus temperature
(measured on R10 toroids, B
≤0.25 mT)
FAL0547-L
0
-60
T
i
μ
10 -6
˚C
0
μ
i
tan
δ
δ
tan
i
μ
μ
i
/
f = 100 kHz
0
120
200
1000
3000
2
6
4
10
2000
60
Relative loss factor tan
δ/μ
i
versus frequency
(measured on R29 toroids)
FAL0548-U
f
kHz
μ
i
δ
tan
10 1
10 -6
10 2
10 -5
10 3
10 -4
N48
SIFERRIT materials



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com