Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3010 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST3010 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST3010
Download  ST3010 Download
File Size   311.99 Kbytes
Page   13 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Audio Decoder/Encoder

ST3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3010 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST3010
Download  ST3010 Click to download

File Size   311.99 Kbytes
Page   13 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Audio Decoder/Encoder

ST3010 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST3010 Product details

GENERAL DESCRIPTION
The ST3010 is a highly integrated and cost-effective 24-bit DSP based audio processor for various consumer applications. It consists of one powerful DSP for advanced voice decoder and encoder algorithms of natural speech with less memory. It provides low bit rate compression (LBRC) for voice playback and audio playback.

FEATURES
■ 24-bit DSP based voice/audio processor
■ Operation voltage
    – Core logic: 2.25V~2.7V
    – I/O pads: 3.0V~3.6V
■ Voltage regulator for core logic
■ Low Voltage Reset (LVR)
    _ 2.5V low voltage reset
■ One PLL to generate high system frequency from a
    3MHz source
    _ 12M~30MHz PLL output
■ Tow clock sources
    _ Crystal...........................................................3MHz
    _ External input...……………………………......3MHz
■ Low power down current
    _Typical current: 3uA
■ One 16-bit programmable Timer
■ One clocking output
■ One external interrupt
    _ Edge/level trigger supported
■ One 16-bit direct-drive DAC
    – Maximum current: 145mA
■ MCU interfaces
    _ Parallel mode
■ Two Serial PORT interfaces(SP)
    _ Programmable data length from 8-bit to 16-bit
    _ I2S, Left/Right Justified interfaces to external DAC/AD




Similar Part No. - ST3010

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ST30100 MICROSEMI-ST30100 Datasheet
160Kb / 3P
Silicon Dual Power Rectifier
logo
Sangdest Microelectroni...
ST30100 SMC-ST30100 Datasheet
113Kb / 6P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
ST30100 ISC-ST30100 Datasheet
290Kb / 2P
Schottky Barrier Rectifier
logo
SMC Diode Solutions Co....
ST30100 SMCDIODE-ST30100 Datasheet
361Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
logo
Shanghai Shunye Electro...
ST30100 SHUNYE-ST30100 Datasheet
1Mb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results


Similar Description - ST3010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder - Multimode
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Sitronix Technology Co....
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
Audio Decoder/Encoder
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
Audio Decoder/ Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
Audio Encoder/Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com