Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3024 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST3024 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST3024
Download  ST3024 Download
File Size   437.62 Kbytes
Page   13 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Audio Decoder/ Encoder

ST3024 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3024 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST3024
Download  ST3024 Click to download

File Size   437.62 Kbytes
Page   13 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Audio Decoder/ Encoder

ST3024 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST3024 Product details

GENERAL DESCRIPTION
The ST3024 is a highly integrated and cost-effective DSP based audio processor for various consumer applications. It consists of one powerful DSP for advanced voice decoder and encoder algorithms of natural speech with less memory. It provides low bit rate compression (LBRC) for voice playback, audio playback, motion-JPEG playback, and JPEG-baseline decoder.

FEATURES
■ DSP based voice/audio processor nOperation voltage
    – Core logic: 2.25V~2.7V
    – I/O pads: 3.0V~3.6V
■ Voltage regulator for core logic
■ Low Voltage Reset (LVR)
    _ 2.5V low voltage reset
■ One PLL to generate high system frequency from a 3MHz source
    _ 12M~30MHz PLL output
■ Triple clock sources
    _ Crystal..................................3MHz
    _ External input...… … … … ......3MHz
■ Low power down current
    _Typical current: 3uA
■ One 16-bit programmable Timer
■ One clocking output
■ One external interrupt
    _ Edge/level trigger supported
■ One 14-bit direct-drive DAC
    – Maximum current: 145mA
■ MCU interfaces
    _ Parallel mode
■ Two Serial PORT interfaces(SP)
    _ Programmable data length from 8-bit to 16-bit
    _ I2S, Left/Right Justified interfaces to external DAC/ADC
■ Speech playback/recorder
    _ Low Bit Rate Compression (LBRC)
    _ 1.2K/1.6K/2.4Kbps@8KHz playback
    _ 1.6K/2.2K/3.3Kbps@11.025KHz playback
    _ AB-repeat
    _ Time stretch (speed up x 2, speed down x 2)
    _ Combine syllable
    _ Encryption
    _ Audio Playback (CBR, VBR – all bit rates)
    _ Forward/backward play, AB-repeat
    _ Spectrum gain
    _ Time stretch (speed up x 1.5, speed down x 1.5)
    _ Combine syllable
    _ Encryption
    _ Wav Playback
    _ Forward/backward play, AB-repeat
    _ Wav Record {(MS-ADPCM(3.8:1)}
    _ Software AGC
    _ Motion-JPEG playback
    _ JPEG-baseline decoder
    _ RS-Word, RS-PY
    _ TTS




Similar Part No. - ST3024

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ST302408SS HAMMOND-ST302408SS Datasheet
112Kb / 3P
Armoire murale en acier inoxydable de type 4X avec toit incline
ST302408SS HAMMOND-ST302408SS Datasheet
150Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
ST302410LG HAMMOND-ST302410LG Datasheet
102Kb / 3P
Armoire murale en acier doux de type 4 avec toit incline
ST302410LG HAMMOND-ST302410LG Datasheet
114Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
ST302412LG HAMMOND-ST302412LG Datasheet
102Kb / 3P
Armoire murale en acier doux de type 4 avec toit incline
More results


Similar Description - ST3024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
Encoder/Decoder
logo
Siemens Semiconductor G...
PSB7238 SIEMENS-PSB7238 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder - Multimode
PSB7280 SIEMENS-PSB7280 Datasheet
2Mb / 190P
Joint Audio Decoder-Encoder
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
ENCODER / DECODER
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
Encoder/Decoder
logo
Sitronix Technology Co....
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
Audio Decoder/Encoder
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
Audio Encoder/Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com