Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3024 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST3024
Description  Audio Decoder/ Encoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST3024 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST3024 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST3024 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ST3024
Preliminary Ver 0.1
Page 2/13
2007/06/20
1
FEATURES
n
DSP based voice/audio processor
n
Operation voltage
– Core logic: 2.25V~2.7V
– I/O pads: 3.0V~3.6V
n
Voltage regulator for core logic
n
Low Voltage Reset (LVR)
_ 2.5V low voltage reset
n
One PLL to generate high system
frequency from a 3MHz source
_ 12M~30MHz PLL output
n
Triple clock sources
_ Crystal..................................3MHz
_ External input...… … …… ......3MHz
n
Low power down current
_Typical current: 3uA
n
One 16-bit programmable Timer
n
One clocking output
n
One external interrupt
_ Edge/level trigger supported
n
One 14-bit direct-drive DAC
– Maximum current: 145mA
n
MCU interfaces
_ Parallel mode
n
Two Serial PORT interfaces(SP)
_ Programmable data length from 8-bit to
16-bit
_ I2S, Left/Right Justified interfaces to external
DAC/ADC
n
Speech playback/recorder
_ Low Bit Rate Compression (LBRC)
_ 1.2K/1.6K/2.4Kbps@8KHz playback
_ 1.6K/2.2K/3.3Kbps@11.025KHz playback
_ AB-repeat
_ Time stretch (speed up x 2, speed down x 2)
_ Combine syllable
_ Encryption
_ Audio Playback (CBR, VBR – all bit rates)
_ Forward/backward play, AB-repeat
_ Spectrum gain
_ Time stretch (speed up x 1.5, speed down x
1.5)
_ Combine syllable
_ Encryption
_ Wav Playback
_ Forward/backward play, AB-repeat
_ Wav Record {(MS-ADPCM(3.8:1)}
_ Software AGC
_ Motion-JPEG playback
_ JPEG-baseline decoder
_ RS-Word, RS-PY
_ TTS
2
GENERAL DESCRIPTION
The ST3024 is a highly integrated and cost-effective DSP based audio processor for various
consumer applications. It consists of one powerful DSP for advanced voice decoder and encoder
algorithms of natural speech with less memory. It provides low bit rate compression (LBRC) for voice
playback, audio playback, motion-JPEG playback, and JPEG-baseline decoder.
System clock comes from 3MHz crystal or external input.
ST3024 has 32 I/Os and these can be either GPIO or functional pins. Each pin can be programmed
to input or output. One external interrupt pin can be requested by external devices.
One internal 16-bit DAC can provide significant volume equipping with internal amplifier. For
particular application or recorder, two general audio interfaces are supported to interface with
external DAC/ADC. Audio interface can be configured to I2S or Left/Right Justified compatible
mode.
There are parallel interface to connect with different MCUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com