Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7070 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7070 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7070
Download  ST7070 Download
File Size   468.31 Kbytes
Page   51 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Dot Matrix LCD Controller/Driver

ST7070 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7070 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7070
Download  ST7070 Click to download

File Size   468.31 Kbytes
Page   51 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Dot Matrix LCD Controller/Driver

ST7070 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7070 Product details

Description

The ST7070 dot-matrix liquid crystal display controller and driver LSI displays alphanumeric, Japanese kana characters, and symbols. It can be configured to drive a dot-matrix liquid crystal display under the control of a 4- or 8-bit microprocessor.



Features

 5 x 8 dot matrix possible

 Low power operation support:

  -- 2.7 to 5.5V

 Wide range of LCD driver power

  -- 3.0 to 7.0V

 Support high speed serial interface

 Correspond to high speed MPU bus interface

  -- 2 MHz (when VCC = 5V)

 80 x 9-bit display RAM (80 characters max.)

 19840-bit character generator ROM for a total of 496 character fonts(5 x 8 dot)

 64 x 8-bit character generator RAM

  -- 8 character fonts (5 x 8 dot)

 16-common x 80-segment liquid crystal display driver

 Programmable duty cycles

  -- 1/8 for one line of 5 x 8 dots with cursor

  -- 1/16 for two lines of 5 x 8 dots & cursor

 Wide range of instruction functions: Display clear, cursor home, display on/off, cursor on/off, cursor shift, display shift

 Automatic reset circuit that initializes the controller/driver after power on

 Internal oscillator with external resistors

 Low power consumption

 Bare Chip available (ST7070-XX-B)



 




Similar Part No. - ST7070

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST70-27F SHINDENGEN-ST70-27F Datasheet
385Kb / 11P
Trankiller
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
TVS 180A, 7000W
ST70-27F SHINDENGEN-ST70-27F_10 Datasheet
906Kb / 1P
Power zener Diode
ST70-27F SHINDENGEN-ST70-27F_17 Datasheet
233Kb / 4P
Power Zener Diode
ST70-27MF SHINDENGEN-ST70-27MF Datasheet
951Kb / 1P
Power zener Diode
More results


Similar Description - ST7070

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com