Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N4374B Datasheet (PDF) - Agilent(Hewlett-Packard)

N4374B Datasheet PDF - Agilent(Hewlett-Packard)
Part # N4374B
Download  N4374B Download
File Size   367.81 Kbytes
Page   18 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4.5 GHz Single-Mode

N4374B Datasheet (PDF)

Go To PDF Page Download Datasheet
N4374B Datasheet PDF - Agilent(Hewlett-Packard)

Part # N4374B
Download  N4374B Click to download

File Size   367.81 Kbytes
Page   18 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 4.5 GHz Single-Mode

N4374B Datasheet (HTML) - Agilent(Hewlett-Packard)


N4374B Product details

General Information
Agilent’s N4374B Lightwave Component Analyzer (LCA) is optimized for the electro-optical S-parameter measurement for Cable TV (CATV) and Radio over Fiber (RoF) or radio frequency over Glass (RFoG) applications.

Key benefits
• High absolute and relative accuracy measurements improve the yield of development and production processes. With the excellent accuracy and reproducibility, measurement results can be compared among test locations world wide.
• High confidence and fast time-to-market with a NISTtraceable turnkey solution.
• Significantly increased productivity using the fast and easy measurement setup with a unique new calibration process leads to lower cost of test.
• 75 Ohm support
• Specified phase uncertainty
• More than 5 times faster than predecessor 8702 series speeds up every test procedure
• Identical LCA software and remote control across the N437xB family simplifies integration
• Bias-T included in Network Analyzer




Similar Part No. - N4374B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
N4374B HP-N4374B Datasheet
367Kb / 18P
Lightwave Component Analyzer
More results


Similar Description - N4374B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0015 MACOM-MASWSM0015 Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD Datasheet
163Kb / 1P
4.5-10.5 GHz GaAs MMIC Receiver
logo
M/A-COM Technology Solu...
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
Agilent(Hewlett-Packard...
N4375B HP-N4375B Datasheet
589Kb / 20P
20 GHz and 26.5 GHz Single-Mode
logo
Mimix Broadband
XR1011-BD MIMIX-XR1011-BD_09 Datasheet
381Kb / 5P
4.5-10.5 GHz GaAs MMIC
XR1011-QH MIMIX-XR1011-QH_09 Datasheet
843Kb / 7P
4.5-10.5 GHz GaAs Receiver
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH Datasheet
843Kb / 7P
4.5-10.5 GHz GaAs ReceiverQFN
XR1011-BD MA-COM-XR1011-BD Datasheet
370Kb / 5P
4.5-10.5 GHz GaAs MMIC Receiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com