Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSM0015 Datasheet (PDF) - Tyco Electronics

MASWSM0015 Datasheet PDF - Tyco Electronics
Part # MASWSM0015
Download  MASWSM0015 Download
File Size   45.91 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DPDT Switch, 4.5 - 6.0 GHz

MASWSM0015 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSM0015 Datasheet PDF - Tyco Electronics

Part # MASWSM0015
Download  MASWSM0015 Click to download

File Size   45.91 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description DPDT Switch, 4.5 - 6.0 GHz

MASWSM0015 Datasheet (HTML) - Tyco Electronics


MASWSM0015 Product details

Description
M/A-COM’s MASWSM0015 is a high frequency 2 x 2 switch optimized for 802.11a WLAN and fixed wireless access applications. It has low insertion loss, making it an ideal candidate for use as a double antenna T/R switch or as a switch matrix building block. Optimized for use from 4. 5 to 6.0 GHz, it requires no off chip components, and is internally DC blocked at the RF inputs.

Features
• UNII, Hiperlan, and 802.11a Applications
• Low Insertion Loss
• Positive Control Voltages
• Fast Switching Speed
• 4 mm FQFP-N Plastic Surface Mount Package
• Production Release Scheduled for Q2, 2002




Similar Part No. - MASWSM0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0002 MACOM-MASWSM0002 Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
MASWSM0002SMB MACOM-MASWSM0002SMB Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
MASWSM0002TR MACOM-MASWSM0002TR Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
MASWSM0002TR-3000 MACOM-MASWSM0002TR-3000 Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
More results


Similar Description - MASWSM0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0129 MACOM-MASWSS0129 Datasheet
125Kb / 4P
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASW6030G MA-COM-MASW6030G Datasheet
71Kb / 4P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0175-V1-NOV09 MA-COM-MASWSS0175-V1-NOV09 Datasheet
105Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
MASWSS0107 MA-COM-MASWSS0107_15 Datasheet
553Kb / 5P
GaAs Broadband DPDT Diversity Switch 1.0 - 6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com