Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSM0015 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSM0015
Description  DPDT Switch, 4.5 - 6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0015 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSM0015 Datasheet HTML 1Page - Tyco Electronics MASWSM0015 Datasheet HTML 2Page - Tyco Electronics MASWSM0015 Datasheet HTML 3Page - Tyco Electronics MASWSM0015 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
DPDT Switch, 4.5 – 6.0 GHz
MASWSM0015
V 1.1
Electrical Specifications: TA = 25 °C, Z0 = 50 Ω
Ω
Ω
Ω 1
Parameter
Test Conditions
Units
Min
Typ
Max
Frequency
GHz
4.5
6.0
Insertion Loss
dB
1.2
1.6
RF Input Return Loss
dB
20
Antenna Return Loss
dB
20
Isolation
dB
20
25
P1dB
dBm
31
Input IP3
dBm
55
Gate Leakage Current
Either state
µA
10
Ton, Toff
50% ctl to 90% RF, 50% ctl to 10% RF
ns
190
Trise, Tfall
10% RF to 90% RF, 90% RF to 10% RF
ns
170
1.
Test frequency is 5.25 GHz, input power is 0 dBm, and supply and control voltages are +3.0 volts unless otherwise specified.
Switch Logic Table
1,2
RF1 to
RF2 to
VCTL1
VCTL2
ANT1
ANT2
1
0
ANT2
ANT1
0
1
1.
“0” = 0 +/- 0.2 volts
2.
“1” = +2.7 to +5 volts
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
+ 30 dBm
Operating Voltages
+5.5 volts
Operating Temperature
-40 °C to +85 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1. Exceeding any one or combination of these limits may cause permanent damage.
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com