Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSM0002 Datasheet (PDF) - Tyco Electronics

MASWSM0002 Datasheet PDF - Tyco Electronics
Part # MASWSM0002
Download  MASWSM0002 Download
File Size   50.87 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5.2 GHz SPDT Switch

MASWSM0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSM0002 Datasheet PDF - Tyco Electronics

Part # MASWSM0002
Download  MASWSM0002 Click to download

File Size   50.87 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5.2 GHz SPDT Switch

MASWSM0002 Datasheet (HTML) - Tyco Electronics


MASWSM0002 Product details

Description
The MASWSM0002 is a low loss RF switch mounted in a standard outline 4 mm, 16 pin FQFP-N leadless plastic package. It is designed for U-NII, Hiperlan, and 802.11a applications. The MASWSM0002 features isolation greater than 20 dB, a P1dB point above 30 dBm, and switching speeds of 15 ns typical. Its small size and height make it ideal for PC card and access point applications.

Features
• UNII, Hiperlan, and 802.11a Applications
• Low Insertion Loss: 1.0 dB Typical
• High Isolation: 21 dB Typical
• Low Leakage Current: < 1 µA
• Fast Switching Speed
• 4 mm FQFP-N Plastic Surface Mount Package




Similar Part No. - MASWSM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0015 MACOM-MASWSM0015 Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSM0015SMB MACOM-MASWSM0015SMB Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSM0015TR MACOM-MASWSM0015TR Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSM0015TR-3000 MACOM-MASWSM0015TR-3000 Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
More results


Similar Description - MASWSM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
SPDT SWITCH FOR 2 GHz TO 6 GHz
logo
Johanson Technology Inc...
5250BL15B100 JOHANSON-5250BL15B100 Datasheet
125Kb / 2P
5.2 GHz Balun
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Custom MMIC Design Serv...
CMD230 MMIC-CMD230 Datasheet
252Kb / 9P
DC-26 GHz SPDT Switch
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
0.1 GHz ??6.0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com