Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSM0002 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASWSM0002
Description  5.2 GHz SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0002 Datasheet(HTML) 3 Page - Tyco Electronics

  MASWSM0002 Datasheet HTML 1Page - Tyco Electronics MASWSM0002 Datasheet HTML 2Page - Tyco Electronics MASWSM0002 Datasheet HTML 3Page - Tyco Electronics MASWSM0002 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Visit www.macom.com for additional data sheets and product information.
5.2 GHz SPDT Switch
MASWSM0002
V 1.1
Typcial Performance
Insertion Loss vs. Frequency, over Temperature
Isolation vs. Frequency, over Temperature
Insertion Loss vs. Frequency, TA = +25
oC
Return Loss vs. Frequency, over Temperature
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-30
-25
-20
-15
-10
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)
+25C
-40C
+85C
-15
-13
-11
-9
-7
-5
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)
+25C
-40C
+85C
-2
-1.5
-1
-0.5
0
5.05.2
5.45.6
5.86.0
Frequency (GHz)
+25C
-40C
+85C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com