Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSM0002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSM0002
Description  5.2 GHz SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0002 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSM0002 Datasheet HTML 1Page - Tyco Electronics MASWSM0002 Datasheet HTML 2Page - Tyco Electronics MASWSM0002 Datasheet HTML 3Page - Tyco Electronics MASWSM0002 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
1
Visit www.macom.com for additional data sheets and product information.
5.2 GHz SPDT Switch
V 1.1
Features
• UNII, Hiperlan, and 802.11a Applications
• Low Insertion Loss: 1.0 dB Typical
• High Isolation: 21 dB Typical
• Low Leakage Current: < 1 µA
• Fast Switching Speed
• 4 mm FQFP-N Plastic Surface Mount Package
Description
The MASWSM0002 is a low loss RF switch mounted
in a standard outline 4 mm, 16 pin FQFP-N leadless
plastic package. It is designed for U-NII, Hiperlan,
and 802.11a applications.
The MASWSM0002
features isolation greater than 20 dB, a P1dB point
above 30 dBm, and switching speeds of 15 ns typical.
Its small size and height make it ideal for PC card and
access point applications.
The MASWSM0002 is fabricated using M/A-COM’s
0.5 micron P-HEMT process to realize low loss and
high linearity.
The process features passivation for
increased performance and reliability.
Ordering Information
Part Number
Description
MASWSM0002TR
7 inch, 1000 piece reel
MASWSM0002TR-3000
13 inch, 3000 piece reel
MASWSM0002SMB
Sample Test Board
Functional Schematic
Pin Configuration
Pin
Function
Description
1
V2
Voltage Control Line 2
2
N/C
Not Connected
3
RF1
RF Port 1
4
N/C
Not Connected
5
N/C
Not Connected
6
N/C
Not Connected
7
N/C
Not Connected
8
N/C
Not Connected
9
N/C
Not Connected
10
RF2
RF Port 2
11
N/C
Not Connected
12
V1
Voltage Control Line 1
13
RFC
Common RF Port
14
N/C
Not Connected
15
N/C
Not Connected
16
VDD
DC Supply Voltage
Pad
GND
RF & DC Ground
V
2
N/C
RF
1
N/C
RF
2
N/C
N/C
V
1
1
16


Similar Part No. - MASWSM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0015 MACOM-MASWSM0015 Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSM0015SMB MACOM-MASWSM0015SMB Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSM0015TR MACOM-MASWSM0015TR Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
MASWSM0015TR-3000 MACOM-MASWSM0015TR-3000 Datasheet
45Kb / 4P
DPDT Switch, 4.5 - 6.0 GHz
More results

Similar Description - MASWSM0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-224-PIN MACOM-SW-224-PIN Datasheet
126Kb / 3P
GaAs SPDT Switch, DC - 2 GHz
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
SPDT SWITCH FOR 2 GHz TO 6 GHz
logo
Johanson Technology Inc...
5250BL15B100 JOHANSON-5250BL15B100 Datasheet
125Kb / 2P
5.2 GHz Balun
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-2008 AVAGO-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
logo
Custom MMIC Design Serv...
CMD230 MMIC-CMD230 Datasheet
252Kb / 9P
DC-26 GHz SPDT Switch
logo
List of Unclassifed Man...
RTC6608OSP ETC1-RTC6608OSP Datasheet
149Kb / 7P
0.1 GHz ??6.0 GHz SPDT Switch
logo
Broadcom Corporation.
AMMC-2008 BOARDCOM-AMMC-2008 Datasheet
224Kb / 7P
DC??0 GHz SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com