Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSM0002 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSM0002
Description  5.2 GHz SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSM0002 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSM0002 Datasheet HTML 1Page - Tyco Electronics MASWSM0002 Datasheet HTML 2Page - Tyco Electronics MASWSM0002 Datasheet HTML 3Page - Tyco Electronics MASWSM0002 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
2
Visit www.macom.com for additional data sheets and product information.
5.2 GHz SPDT Switch
MASWSM0002
V 1.1
Electrical Specifications: TA = 25 °C, Z0 = 50 Ω
1
Characteristic
Test Conditions
Unit
Min
Typ
Max
Frequency
GHz
5.15
5.35
Insertion Loss
F = 5.25 GHz, PIN = 0 dBm
dB
1.0
1.4
Isolation
F = 5.25 GHz, PIN = 0 dBm
dB
18
21
Return Loss, RFC
F = 5.25 GHz, PIN = 0 dBm
dB
13
1 dB Compression Point
F = 5.25 GHz
dBm
30.5
Third Order Intercept Point
F = 5.250 GHz, PIN = +20 dBm
F = 5.251 GHz, PIN = +20 dBm
dBm
51
Leakage Current
F = 5.25 GHz, PIN = +20 dBm
µA
1.0
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
8
TON, TOFF
50% Control to 90% RF,
50% Control to 10% RF
ns
15
1.
Control voltages are 0 V and +3 V, and VDD is +3 V unless otherwise specified.
Switch Logic Table
1,2
Insertion Loss Path
Isolated Path
V1
V2
RF1/RFC
RF2/RFC
1
0
RF2/RFC
RF1/RFC
01
1.
“0” = 0 +/- 0.2 volts
2.
“1” = +2.7 to +5 volts, equal to VDD
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max Input Power
+ 33 dBm
Operating Voltage
+5.5 volts
Operating Temperature
-40 °C to +100 °C
Channel Temperature
+150 °C
Storage Temperature
-40 °C to +150 °C
1.
Exceeding any one or combination of these limits may cause permanent damage.
Application Information
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when
handling these devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com