Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA9070 Datasheet (PDF) - TriQuint Semiconductor

TGA9070 Datasheet PDF - TriQuint Semiconductor
Part # TGA9070
Download  TGA9070 Download
File Size   201.71 Kbytes
Page   7 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 23 - 29 GHz High Power Amplifier

TGA9070 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA9070 Datasheet PDF - TriQuint Semiconductor

Part # TGA9070
Download  TGA9070 Click to download

File Size   201.71 Kbytes
Page   7 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 23 - 29 GHz High Power Amplifier

TGA9070 Datasheet (HTML) - TriQuint Semiconductor


TGA9070 Product details

Description
The TriQuint TGA9070-SCC is a three stage HPA MMIC design using TriQuint’s proven 0.25 um Power pHEMT process to support a variety of millimeter wave applications including point-to-point digital radio, LMDS/LMCS and Ka-band satellite spacecraft and ground terminals.

Key Features and Performance
 • 0.25um pHEMT Technology
 • 23 GHz - 29 GHz Frequency Range
 • Nominal 1 Watt (28GHz) @ P1dB
 • Nominal Gain of 23 dB
 • Bias 7V @ 400 mA
 • Chip Dimensions 4.1mm x 3.0mm

Primary Applications
 • LMDS
 • Point-to-Point Radio




Similar Part No. - TGA9070

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9083 TRIQUINT-TGA9083 Datasheet
262Kb / 9P
Power Amplifier
TGA9083-EEU TRIQUINT-TGA9083-EEU Datasheet
262Kb / 9P
Power Amplifier
TGA9088A TRIQUINT-TGA9088A Datasheet
461Kb / 4P
17-21 GHz Intermediate Power Amplifier
TGA9088A-EPU TRIQUINT-TGA9088A-EPU Datasheet
461Kb / 4P
17-21 GHz Intermediate Power Amplifier
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
17-21 GHz Medium Power Amplifier
More results


Similar Description - TGA9070

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
26-29 GHz Medium Power Amplifier
TGA1088 TRIQUINT-TGA1088 Datasheet
263Kb / 4P
23 - 29 GHz High Power Amplifier
logo
Alpha Industries
AA022P1-00 ALPHA-AA022P1-00 Datasheet
139Kb / 2P
18-23 GHz GaAs MMIC Power Amplifier
AA026P1-00 ALPHA-AA026P1-00 Datasheet
98Kb / 2P
25-29 GHz GaAs MMIC Driver Amplifier
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
27-29 GHz GaAs MMIC Power Amplifier
AA032P1-A4 ALPHA-AA032P1-A4 Datasheet
649Kb / 4P
29-32 GHz Surface Mount Medium Power Amplifier
logo
Fairchild Semiconductor
RMPA27000 FAIRCHILD-RMPA27000 Datasheet
248Kb / 9P
27-29 GHZ 1.8 Watt Power Amplifier MMIC
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
29-31 GHZ 2 Watt Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA4510 TRIQUINT-TGA4510_15 Datasheet
646Kb / 9P
29 to 37 GHz Compact Driver Amplifier
TGA4537-SM TRIQUINT-TGA4537-SM_15 Datasheet
1Mb / 14P
29 to 35 GHz 1W Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com