Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA032P1-A4 Datasheet (PDF) - Alpha Industries

AA032P1-A4 Datasheet PDF - Alpha Industries
Part # AA032P1-A4
Download  AA032P1-A4 Download
File Size   649.99 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 29-32 GHz Surface Mount Medium Power Amplifier

AA032P1-A4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA032P1-A4 Datasheet PDF - Alpha Industries

Part # AA032P1-A4
Download  AA032P1-A4 Click to download

File Size   649.99 Kbytes
Page   4 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 29-32 GHz Surface Mount Medium Power Amplifier

AA032P1-A4 Datasheet (HTML) - Alpha Industries


AA032P1-A4 Product details

Description
The AA032P1-A4 is a broadband millimeterwave medium power amplifier in a rugged surface mount package that is compatible with high-volume solder installation. The amplifier is designed for use in millimeterwave communication and sensor systems as an output stage or driver in the transmit chain or LO chain when high gain and high linearity is required. The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. All amplifiers are screened at the operating frequencies prior to shipment for guaranteed performance. Amplifier is targeted for high volume millimeterwave applications such as point-to-point and point-to-multipoint wireless communications systems and satellite communication systems.

Features
■ Surface Mount Package
■ 11 dB Gain
■ 24 dBm P1 dB Output Power
■ 100% DC and RF Testing




Similar Part No. - AA032P1-A4

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-00 ALPHA-AA032P1-00 Datasheet
163Kb / 2P
30-36 GHz GaAs MMIC Power Amplifier
More results


Similar Description - AA032P1-A4

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1081 TRIQUINT-TGA1081 Datasheet
345Kb / 3P
26-29 GHz Medium Power Amplifier
TGA1088 TRIQUINT-TGA1088 Datasheet
263Kb / 4P
23 - 29 GHz High Power Amplifier
TGA9070 TRIQUINT-TGA9070 Datasheet
201Kb / 7P
23 - 29 GHz High Power Amplifier
logo
Alpha Industries
AA026P2-A4 ALPHA-AA026P2-A4 Datasheet
646Kb / 4P
23.5-26.5 GHz Surface Mount Medium Power Amplifier
AA031P1-A2 ALPHA-AA031P1-A2 Datasheet
574Kb / 4P
28-32 GHz Surface Mount Driver Amplifier
logo
Hittite Microwave Corpo...
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4 Datasheet
348Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC499LC4 HITTITE-HMC499LC4_09 Datasheet
244Kb / 6P
SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
Analog Devices
ADH499S AD-ADH499S Datasheet
209Kb / 7P
21 - 32 GHz Medium Power Amplifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com