Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQ9223C Datasheet (PDF) - TriQuint Semiconductor

TQ9223C Datasheet PDF - TriQuint Semiconductor
Part # TQ9223C
Download  TQ9223C Download
File Size   252.35 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V Cellular TDMA/AMPS LNA/mixer Receiver IC

TQ9223C Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ9223C Datasheet PDF - TriQuint Semiconductor

Part # TQ9223C
Download  TQ9223C Click to download

File Size   252.35 Kbytes
Page   12 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V Cellular TDMA/AMPS LNA/mixer Receiver IC

TQ9223C Datasheet (HTML) - TriQuint Semiconductor


TQ9223C Product details

Product Description
The TQ9223C 3V RFIC Downconverter is a RF receiver IC front end designed for the high dynamic range cellular communications standards. The TQ9223C provides a 2.8dB system noise figure for excellent sensitivity, and a good signal range with -11dB input IP3. Its low current consumption, single +3V operation and small plastic surface-mount package are ideally suited for cost-competitive, space-limited and portable applications. The TQ9223C will operate over a RF frequency range of 800 to 1000MHz, and therefore may be used for any of the cellular and cordless telephony standards.

Features
◾ +3-V single supply
◾ On-chip LO buffer
◾ Mixer LO and RF matched to 50W
◾ Low-cost SO-14 plastic package
◾ Gain Select (high/low)

Applications
◾ Digital Mobile Phones
◾ AMPS Mobile Phones
◾ ISM 900MHz
◾ Cordless Telephones
◾ CDPD terminals




Similar Part No. - TQ9223C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
More results


Similar Description - TQ9223C

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
3V Cellular Band CDMA/AMPS LNA IC
TQ3132 TRIQUINT-TQ3132 Datasheet
88Kb / 10P
Low Current, 3V Cellular Band CDMA/AMPS LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5122 TRIQUINT-TQ5122 Datasheet
84Kb / 9P
3V Cellular TDMA/AMPS Receiver IC With Power- Down
TQ5131 TRIQUINT-TQ5131 Datasheet
111Kb / 14P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
3V Cellular TDMA/AMPS Power Amplifier IC
TQ9222 TRIQUINT-TQ9222 Datasheet
278Kb / 16P
Dual-Band TDMA LNA/Downconverter IC
TQ5635 TRIQUINT-TQ5635 Datasheet
218Kb / 25P
3 V PCS LNA/Mixer Receiver IC
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com