Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQ5122 Datasheet (PDF) - TriQuint Semiconductor

TQ5122 Datasheet PDF - TriQuint Semiconductor
Part # TQ5122
Download  TQ5122 Download
File Size   84.89 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V Cellular TDMA/AMPS Receiver IC With Power- Down

TQ5122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQ5122 Datasheet PDF - TriQuint Semiconductor

Part # TQ5122
Download  TQ5122 Click to download

File Size   84.89 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 3V Cellular TDMA/AMPS Receiver IC With Power- Down

TQ5122 Datasheet (HTML) - TriQuint Semiconductor


TQ5122 Product details

Product Description
The TQ5122 is a 3V, RF receiver IC designed specifically for Cellular band TDMA applications. It’s RF performance meets the requirements for products designed to the IS-136 TDMA and the AMPS standards. The TQ5122 includes a power–down mode which allows current saving during standby and the non-operating portion of the TDMA pulse. The TQ5122 contains LNA and Mixer circuits matched to the 800MHz cellular band.

Features
■ Power-Down, “Sleep” Mode
■ Single 2.8V operation
■ Low-current operation
■ Small QSOP-16 plastic package
■ Few external components

Applications
■ IS-136 TDMA Mobile Phones
■ Dual Mode TDMA/AMPS Mobile Phones
■ AMPS Mobile Phones




Similar Part No. - TQ5122

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results


Similar Description - TQ5122

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
3V Cellular Band CDMA/AMPS LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5622 TRIQUINT-TQ5622 Datasheet
80Kb / 9P
3V PCS Receiver IC With Power- Down
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
3V Cellular TDMA/AMPS Power Amplifier IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ7125 TRIQUINT-TQ7125 Datasheet
25Kb / 1P
3V HBT TDMA Power Amplifier IC
TQ7625 TRIQUINT-TQ7625 Datasheet
25Kb / 1P
3V HBT TDMA Power Amplifier IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com