Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQ5122 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ5122
Description  3V Cellular TDMA/AMPS Receiver IC With Power- Down
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5122 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ5122 Datasheet HTML 1Page - TriQuint Semiconductor TQ5122 Datasheet HTML 2Page - TriQuint Semiconductor TQ5122 Datasheet HTML 3Page - TriQuint Semiconductor TQ5122 Datasheet HTML 4Page - TriQuint Semiconductor TQ5122 Datasheet HTML 5Page - TriQuint Semiconductor TQ5122 Datasheet HTML 6Page - TriQuint Semiconductor TQ5122 Datasheet HTML 7Page - TriQuint Semiconductor TQ5122 Datasheet HTML 8Page - TriQuint Semiconductor TQ5122 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WIRELESS COMMUNICATIONS DIVISION
For additional information and latest specifications, see our website: www.triquint.com
1
MXR LO
1
2
3
4
6
7
9
10
11
12
13
14
15
16
GND
GND
GND
Vdd MXR
5
VDD LNA
RF IN
Sleep
Control
IF Output/Vdd
8
GND
GND
GND
GND
GND
LNA
Out
MXR RF
Input
TQ5122
DATA SHEET
3V Cellular TDMA/AMPS
Receiver IC With Power-
Down
Features

Power-Down, “Sleep” Mode

Single 2.8V operation

Low-current operation

Small QSOP-16 plastic package

Few external components
Applications

IS-136 TDMA Mobile Phones

Dual Mode TDMA/AMPS Mobile Phones

AMPS Mobile Phones
Product Description
The TQ5122 is a 3V, RF receiver IC designed specifically for Cellular band TDMA
applications. It’s RF performance meets the requirements for products designed to the
IS-136 TDMA and the AMPS standards. The TQ5122 includes a power–down mode
which allows current saving during standby and the non-operating portion of the TDMA
pulse. The TQ5122 contains LNA and Mixer circuits matched to the 800MHz cellular
band.
The mixer uses a high-side LO frequency. The IF has a usable frequency range of 85
to 150MHz. The LNA Output and Mixer Input ports are internally matched to simplify
the design and keep the number of external components to a minimum. The TQ5122
achieves excellent RF performance with low current consumption which yields long
standby times in portable applications. The small QSOP-16 package is ideally suited
for Cellular band mobile phones.
Electrical Specifications1
Parameter
Min
Typ
Max
Units
Frequency
869
894
MHz
Gain
18.5
dB
Noise Figure
2.7
dB
Input 3rd Order Intercept
-8.5
dBm
DC supply Current
12.0
mA
Note 1: Test Conditions: Vdd=2.8VDC, Tc=25°C, Filter IL=2.5dB, RF=881MHz, LO=1016MHz,
IF=135MHz, LO input=-7dBm


Similar Part No. - TQ5122

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
More results

Similar Description - TQ5122

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
3V Cellular Band CDMA/AMPS LNA IC
TQ5121 TRIQUINT-TQ5121 Datasheet
153Kb / 10P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
3V Cellular Band CDMA/AMPS RFA/Mixer IC
TQ5622 TRIQUINT-TQ5622 Datasheet
80Kb / 9P
3V PCS Receiver IC With Power- Down
TQ9132B TRIQUINT-TQ9132B Datasheet
192Kb / 8P
3V Cellular TDMA/AMPS Power Amplifier IC
TQ9223C TRIQUINT-TQ9223C Datasheet
252Kb / 12P
3V Cellular TDMA/AMPS LNA/mixer Receiver IC
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
TQ7125 TRIQUINT-TQ7125 Datasheet
25Kb / 1P
3V HBT TDMA Power Amplifier IC
TQ7625 TRIQUINT-TQ7625 Datasheet
25Kb / 1P
3V HBT TDMA Power Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com