Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82114 Datasheet (PDF) - EPCOS

B82114 Datasheet PDF - EPCOS
Part # B82114
Download  B82114 Download
File Size   99.9 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Inductors

B82114 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82114 Datasheet PDF - EPCOS

Part # B82114
Download  B82114 Click to download

File Size   99.9 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Inductors

B82114 Datasheet (HTML) - EPCOS


B82114 Product details

Rated voltage 500 V AC/DC Rated current max. 1 A



Construction

■Round 6-aperture ferrite core

■With or without insulating sleeve



Features

■The selected core material provides maximum

impedance in the relevant frequency range of 50 to 200 MHz

■An insulating sleeve prevents any turn-to-turn short circuits

■Suitable for wave soldering

■RoHS-compatible



Applications

■Broadband interference suppression in electrical

systems and equipment in the RF and VHF range

■Reduction of radiated interference in broadcasting and TV receivers




Similar Part No. - B82114

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82114 EPCOS-B82114 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-A1 EPCOS-B82114-R-A1 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-A4 EPCOS-B82114-R-A4 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-C1 EPCOS-B82114-R-C1 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
B82114-R-C4 EPCOS-B82114-R-C4 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
More results


Similar Description - B82114

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
Fixed Inductors (Chip Inductors)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com