Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82114-R-C4 Datasheet (PDF) - EPCOS

B82114-R-C4 Datasheet PDF - EPCOS
Part # B82114-R-C4
Download  B82114-R-C4 Download
File Size   92.42 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A

B82114-R-C4 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82114-R-C4 Datasheet PDF - EPCOS

Part # B82114-R-C4
Download  B82114-R-C4 Click to download

File Size   92.42 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A

B82114-R-C4 Datasheet (HTML) - EPCOS


B82114-R-C4 Product details

VHF chokes with ferrite core
Rated voltage 250 V dc/ac
Rated current 0,2 to 2 A
Rated inductance 120 to 3900 mH



Features
■ High resonance frequency
■ High inductance ratings

Applications
■ RF blocking and filtering
■ Interference suppression in small appliances




Similar Part No. - B82114-R-C4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82114 EPCOS-B82114 Datasheet
99Kb / 6P
Inductors
B82114R0000A001 EPCOS-B82114R0000A001 Datasheet
99Kb / 6P
Inductors
B82114R0000A004 EPCOS-B82114R0000A004 Datasheet
99Kb / 6P
Inductors
B82114R0000C001 EPCOS-B82114R0000C001 Datasheet
99Kb / 6P
Inductors
B82114R0000C004 EPCOS-B82114R0000C004 Datasheet
99Kb / 6P
Inductors
More results


Similar Description - B82114-R-C4

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B82500 EPCOS-B82500 Datasheet
57Kb / 3P
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
logo
TOKO, Inc
UCMH0907 TOKO-UCMH0907 Datasheet
167Kb / 1P
Rated DC Current 5.0A Max
logo
CONEC Elektronische Bau...
33DSMT1-E15SNCT CONEC-33DSMT1-E15SNCT Datasheet
128Kb / 1P
Rated current : 5A max
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com