Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82614 Datasheet (PDF) - EPCOS

B82614 Datasheet PDF - EPCOS
Part # B82614
Download  B82614 Download
File Size   131.53 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes

B82614 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82614 Datasheet PDF - EPCOS

Part # B82614
Download  B82614 Click to download

File Size   131.53 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes

B82614 Datasheet (HTML) - EPCOS


B82614 Product details

Rated voltage 250 V AC

Rated current 0.8 A to 2.7 A

Rated inductance 0.5 mH to 3.0 mH



Features

■ High resonance frequency due to 4-section winding

■ Low saturation effects due to gapped core

■ Suitable for wave soldering

■ Design complies with EN 60938-2 (VDE 0565-2)

■ Recyclable owing to omission of encapsulation and glue

■ RoHS-compatible



Applications

■ Switch-mode power supplies with current pump

■ Output filter in switch-mode applications

■ Reduction of harmonics and PFC



Construction

■ Single choke

■ Air gapped rectangular ferrite core

■ Closed polycarbonate coil former (UL 94 V-0)

■ Without encapsulation

■ 4-section winding



 




Similar Part No. - B82614

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82614 EPCOS-B82614 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82614-R2102-A30 EPCOS-B82614-R2102-A30 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82614-R2172-A30 EPCOS-B82614-R2172-A30 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82614-R2202-A30 EPCOS-B82614-R2202-A30 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82614-R2242-A30 EPCOS-B82614-R2242-A30 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
More results


Similar Description - B82614

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
Power line chokes
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
Power line chokes
B82721A2401N20 EPCOS-B82721A2401N20 Datasheet
755Kb / 9P
Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
POWER LINE CHOKES
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com