Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82614 Datasheet (PDF) - EPCOS

B82614 Datasheet PDF - EPCOS
Part # B82614
Download  B82614 Download
File Size   62.44 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Sine-Wave Chokes

B82614 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82614 Datasheet PDF - EPCOS

Part # B82614
Download  B82614 Click to download

File Size   62.44 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Sine-Wave Chokes

B82614 Datasheet (HTML) - EPCOS


B82614 Product details

Rated voltage 250 V AC

Rated current 0.8 A to 2.7 A

Rated inductance 0.5 mH to 3.0 mH



Features

■ High resonance frequency due to 4-section winding

■ Low saturation effects due to gapped core

■ Suitable for wave soldering

■ Design complies with EN 60938-2 (VDE 0565-2)

■ Recyclable owing to omission of encapsulation and glue

■ RoHS-compatible



Applications

■ Switch-mode power supplies with current pump

■ Output filter in switch-mode applications

■ Reduction of harmonics and PFC



Construction

■ Single choke

■ Air gapped rectangular ferrite core

■ Closed polycarbonate coil former (UL 94 V-0)

■ Without encapsulation

■ 4-section winding



 




Similar Part No. - B82614

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82614 EPCOS-B82614 Datasheet
131Kb / 7P
Power line chokes
B82614R2102A030 EPCOS-B82614R2102A030 Datasheet
131Kb / 7P
Power line chokes
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
logo
EPCOS
B82614R2172A030 EPCOS-B82614R2172A030 Datasheet
131Kb / 7P
Power line chokes
logo
TDK Electronics
B82614R2172A030 TDK-B82614R2172A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
More results


Similar Description - B82614

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82502 EPCOS-B82502 Datasheet
74Kb / 2P
Chokes for Power Lines
B82503 EPCOS-B82503 Datasheet
88Kb / 2P
Chokes for Power Lines
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
Chokes for Power Lines
B82624 EPCOS-B82624 Datasheet
82Kb / 2P
Chokes for Power Lines
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731 EPCOS-B82731 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82724B2602N1 EPCOS-B82724B2602N1 Datasheet
282Kb / 10P
Chokes for Power Lines
logo
TDK Electronics
B82614R2102A030 TDK-B82614R2102A030 Datasheet
743Kb / 7P
Power line chokes Sine-wave chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com