Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82731 Datasheet (PDF) - EPCOS

B82731 Datasheet PDF - EPCOS
Part # B82731
Download  B82731 Download
File Size   165.89 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines D Core Chokes

B82731 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82731 Datasheet PDF - EPCOS

Part # B82731
Download  B82731 Click to download

File Size   165.89 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines D Core Chokes

B82731 Datasheet (HTML) - EPCOS


B82731 Product details

Chokes for Power Lines D Core Chokes



Rated voltage 250 Vac

Rated current 0,35 to 4,6 A

Rated inductance 3,3 to 100 mH



Features

■Coil former flame-retardant as per UL 94 V-0

■Recycleable owing to omission of encapsulation and glue

■High resonance frequency due to 2-section winding

■Low leakage due to closed core shape

■High pulse strength

■Low whirring noise

■Approx. 1 % stray inductance for symmetrical interference suppression



Applications

■Electronic ballasts for lamps

■Switch-mode power supplies for TV sets



Construction

■Current-compensated double choke with closed, rectangular ferrite core

■Closed polycarbonate coil former with 4 sections

■Without encapsulation

■2-section winding

■Creepage distances and clearances > 3 mm




Similar Part No. - B82731

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82731 EPCOS-B82731 Datasheet
81Kb / 2P
D Core Chokes B82731M for Power Lines
2008
B82731H EPCOS-B82731H Datasheet
159Kb / 6P
Power line chokes
B82731H2112A030 EPCOS-B82731H2112A030 Datasheet
159Kb / 6P
Power line chokes
B82731H2112A030 EPCOS-B82731H2112A030 Datasheet
716Kb / 6P
Current-compensated D core double chokes
logo
TDK Electronics
B82731H2112A030 TDK-B82731H2112A030 Datasheet
777Kb / 6P
Current-compensated D core double chokes
More results


Similar Description - B82731

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82615 EPCOS-B82615 Datasheet
236Kb / 6P
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731M EPCOS-B82731M Datasheet
81Kb / 2P
D Core Chokes B82731M for Power Lines
2008
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com