Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82615 Datasheet (PDF) - EPCOS

B82615 Datasheet PDF - EPCOS
Part # B82615
Download  B82615 Download
File Size   236.49 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Ring Core Chokes with Iron Powder Core

B82615 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82615 Datasheet PDF - EPCOS

Part # B82615
Download  B82615 Click to download

File Size   236.49 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines Ring Core Chokes with Iron Powder Core

B82615 Datasheet (HTML) - EPCOS


B82615 Product details

Harmonic chokes

Rated voltage 250 Vac / 350 Vdc

Rated current 1 A to 10 A

Rated inductance 0,18 to 40 mH



Features

■Case and potting flame-retardant as per UL 94 V-0

■High attenuation of differential-mode interference at low frequencies




Similar Part No. - B82615

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82615 EPCOS-B82615 Datasheet
103Kb / 7P
Power line chokes
B82615B2102M001 EPCOS-B82615B2102M001 Datasheet
103Kb / 7P
Power line chokes
B82615B2202M001 EPCOS-B82615B2202M001 Datasheet
103Kb / 7P
Power line chokes
B82615B2302M001 EPCOS-B82615B2302M001 Datasheet
103Kb / 7P
Power line chokes
B82615B2402M001 EPCOS-B82615B2402M001 Datasheet
103Kb / 7P
Power line chokes
More results


Similar Description - B82615

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
Power line chokes Ring core chokes with iron powder core
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com