Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82623 Datasheet (PDF) - EPCOS

B82623 Datasheet PDF - EPCOS
Part # B82623
Download  B82623 Download
File Size   75.07 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines

B82623 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82623 Datasheet PDF - EPCOS

Part # B82623
Download  B82623 Click to download

File Size   75.07 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines

B82623 Datasheet (HTML) - EPCOS


B82623 Product details

Rated voltage 250 V AC/350 V DC

Rated current 0.3 A to 3 A

Rated inductance 0.033 mH to 1.2 mH



Features

■ Effective suppression of differential-mode interferences at higher frequencies

■ Approx. 50% of rated inductance for common-mode interference suppression

■ Moderate inductance decrease at current load

■ Suitable for wave soldering

■ Design complies with EN 60938-2 (VDE 0565-2)

■ UL and VDE approval

■ RoHS-compatible



Applications

■ Suppression of differential-mode and common-mode interferences

■ Compact switch-mode applications

■ Reduction of harmonics and PFC



Construction

■ Ring core double choke

■ Iron powder core

■ Polycarbonate case (UL 94 V-0)

■ Polyurethane potting (UL 94 V-0)

■ Sector winding



 




Similar Part No. - B82623

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82623 EPCOS-B82623 Datasheet
110Kb / 7P
Power line chokes
B82623G0001A003 EPCOS-B82623G0001A003 Datasheet
110Kb / 7P
Power line chokes
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
Power line chokes Ring core chokes with iron powder core
logo
EPCOS
B82623G0001A005 EPCOS-B82623G0001A005 Datasheet
110Kb / 7P
Power line chokes
logo
TDK Electronics
B82623G0001A005 TDK-B82623G0001A005 Datasheet
724Kb / 7P
Power line chokes Ring core chokes with iron powder core
More results


Similar Description - B82623

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82502 EPCOS-B82502 Datasheet
74Kb / 2P
Chokes for Power Lines
B82503 EPCOS-B82503 Datasheet
88Kb / 2P
Chokes for Power Lines
B82624 EPCOS-B82624 Datasheet
82Kb / 2P
Chokes for Power Lines
B82614 EPCOS-B82614 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731 EPCOS-B82731 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
logo
TALEMA Group. LLC
CKV-4.7-S TALEMA-CKV-4.7-S Datasheet
39Kb / 1P
Current Compensated Double Chokes for Power Lines
logo
EPCOS
B82731M EPCOS-B82731M Datasheet
81Kb / 2P
D Core Chokes B82731M for Power Lines
2008
B82724B2602N1 EPCOS-B82724B2602N1 Datasheet
282Kb / 10P
Chokes for Power Lines
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com