Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82502 Datasheet (PDF) - EPCOS

B82502 Datasheet PDF - EPCOS
Part # B82502
Download  B82502 Download
File Size   74.87 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines

B82502 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82502 Datasheet PDF - EPCOS

Part # B82502
Download  B82502 Click to download

File Size   74.87 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Power Lines

B82502 Datasheet (HTML) - EPCOS


B82502 Product details

Rated voltage 500 Vac/600 Vdc

Rated current 0,2 to 2 A

Rated inductance 0,68 to 82 mH



Features

■Low power dissipation

■Broadband interference suppression

■Compact design



Applications

■Attenuation of differential and common-mode interference

■High-performance power supplies

■Industrial applications




Similar Part No. - B82502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82502W EPCOS-B82502W Datasheet
87Kb / 6P
Power line chokes
B82502W0000C002 EPCOS-B82502W0000C002 Datasheet
87Kb / 6P
Power line chokes
B82502W0000C005 EPCOS-B82502W0000C005 Datasheet
87Kb / 6P
Power line chokes
B82502W0000C008 EPCOS-B82502W0000C008 Datasheet
87Kb / 6P
Power line chokes
B82502W0000C010 EPCOS-B82502W0000C010 Datasheet
87Kb / 6P
Power line chokes
More results


Similar Description - B82502

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82503 EPCOS-B82503 Datasheet
88Kb / 2P
Chokes for Power Lines
B82623 EPCOS-B82623 Datasheet
75Kb / 2P
Chokes for Power Lines
B82624 EPCOS-B82624 Datasheet
82Kb / 2P
Chokes for Power Lines
B82614 EPCOS-B82614 Datasheet
62Kb / 2P
Chokes for Power Lines Sine-Wave Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82731 EPCOS-B82731 Datasheet
165Kb / 5P
Chokes for Power Lines D Core Chokes
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
logo
TALEMA Group. LLC
CKV-4.7-S TALEMA-CKV-4.7-S Datasheet
39Kb / 1P
Current Compensated Double Chokes for Power Lines
logo
EPCOS
B82731M EPCOS-B82731M Datasheet
81Kb / 2P
D Core Chokes B82731M for Power Lines
2008
B82724B2602N1 EPCOS-B82724B2602N1 Datasheet
282Kb / 10P
Chokes for Power Lines
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com