Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82498F1122J000 Datasheet (PDF) - EPCOS

B82498F1122J000 Datasheet PDF - EPCOS
Part # B82498F1122J000
Download  B82498F1122J000 Download
File Size   172.82 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT inductors

B82498F1122J000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82498F1122J000 Datasheet PDF - EPCOS

Part # B82498F1122J000
Download  B82498F1122J000 Click to download

File Size   172.82 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT inductors

B82498F1122J000 Datasheet (HTML) - EPCOS


B82498F1122J000 Product details

SMT Inductors, SIMID Series
SIMID 0805–F

Size 0805 (EIA) or 2012 (IEC)
Rated inductance ceramic 2.7nH to 820nH
Rated inductance ferrite 1000nH to 6800nH
Rated current from 90 to 1000 mA

Features
    High resonance frequency
    Close inductance tolerance
    Suitable for reflow (IR and vapor phase) and wave soldering

Applications
    Antenna amplifiers
    DECT systems
    Mobile phones
    Keyless entry
    GPS (Global Positioning System)




Similar Part No. - B82498F1122J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498F1122J000 EPCOS-B82498F1122J000 Datasheet
78Kb / 7P
SMT Inductors, SIMID Series SIMID 0805-F
logo
TDK Electronics
B82498F1122J000 TDK-B82498F1122J000 Datasheet
247Kb / 2P
Inductors (Coils)
More results


Similar Description - B82498F1122J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
SMT inductors
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
SMT inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
SMT inductors
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com