Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82733F Datasheet (PDF) - EPCOS

B82733F Datasheet PDF - EPCOS
Part # B82733F
Download  B82733F Download
File Size   119.78 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes

B82733F Datasheet (PDF)

Go To PDF Page Download Datasheet
B82733F Datasheet PDF - EPCOS

Part # B82733F
Download  B82733F Click to download

File Size   119.78 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes

B82733F Datasheet (HTML) - EPCOS


B82733F Product details

Power line chokes

Current-compensated frame core double chokes



Rated voltage 250 V AC

Rated current 0.7 A to 2.3 A

Rated inductance 10 mH to 100 mH



Features

■High inductance with low resistance

■Approx. 2% stray inductance for symmetrical interference suppression

■High pulse-handling capability

■Very good inductance/rated current ratio

■Low height (14 mm)

■Suitable for wave soldering

■Design complies with EN 60938-2 (VDE 0565-2) and UL 1283

■ENEC (VDE) and UL1 approval

■RoHS-compatible

1UL approval with 300 V AC



Applications

■Suppression of common-mode and differential-mode interferences

■Electronic ballasts for lamps

■High power switch-mode power supplies for consumer electronics



Construction

■Current-compensated frame core double choke

■Closed magnetic circuit with frame construction made of ferrite

■Pet coil former (UL94 V-0)

■4-section winding with direct winding on the core

■Sector winding

■Clearance and creepage distances >3 mm




Similar Part No. - B82733F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
Current-compensated frame core double chokes
B82733F EPCOS-B82733F Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
B82733F2112B001 EPCOS-B82733F2112B001 Datasheet
677Kb / 6P
Current-compensated frame core double chokes
B82733F2112B001 EPCOS-B82733F2112B001 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
Current-compensated frame core double chokes
More results


Similar Description - B82733F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
Power line chokes
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
Power line chokes
B82721A2401N20 EPCOS-B82721A2401N20 Datasheet
755Kb / 9P
Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
POWER LINE CHOKES
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com