Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82733F Datasheet (PDF) - EPCOS

B82733F Datasheet PDF - EPCOS
Part # B82733F
Download  B82733F Download
File Size   677.35 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Current-compensated frame core double chokes

B82733F Datasheet (PDF)

Go To PDF Page Download Datasheet
B82733F Datasheet PDF - EPCOS

Part # B82733F
Download  B82733F Click to download

File Size   677.35 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Current-compensated frame core double chokes

B82733F Datasheet (HTML) - EPCOS


B82733F Product details

Power line chokes

Current-compensated frame core double chokes



Rated voltage 250 V AC

Rated current 0.7 A to 2.3 A

Rated inductance 10 mH to 100 mH



Features

■High inductance with low resistance

■Approx. 2% stray inductance for symmetrical interference suppression

■High pulse-handling capability

■Very good inductance/rated current ratio

■Low height (14 mm)

■Suitable for wave soldering

■Design complies with EN 60938-2 (VDE 0565-2) and UL 1283

■ENEC (VDE) and UL1 approval

■RoHS-compatible

1UL approval with 300 V AC



Applications

■Suppression of common-mode and differential-mode interferences

■Electronic ballasts for lamps

■High power switch-mode power supplies for consumer electronics



Construction

■Current-compensated frame core double choke

■Closed magnetic circuit with frame construction made of ferrite

■Pet coil former (UL94 V-0)

■4-section winding with direct winding on the core

■Sector winding

■Clearance and creepage distances >3 mm




Similar Part No. - B82733F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82733F EPCOS-B82733F Datasheet
119Kb / 6P
Power line chokes
B82733F EPCOS-B82733F Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
B82733F2112B001 EPCOS-B82733F2112B001 Datasheet
119Kb / 6P
Power line chokes
B82733F2112B001 EPCOS-B82733F2112B001 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
Current-compensated frame core double chokes
More results


Similar Description - B82733F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
Current-compensated ring core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
Current-compensated ring core double chokes
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
B82732R2102B030 TDK-B82732R2102B030 Datasheet
571Kb / 6P
Current-compensated D core double chokes
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
Current-compensated frame core double chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com