Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82733F Datasheet(PDF) 3 Page - EPCOS

Part # B82733F
Description  Current-compensated frame core double chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82733F Datasheet(HTML) 3 Page - EPCOS

  B82733F Datasheet HTML 1Page - EPCOS B82733F Datasheet HTML 2Page - EPCOS B82733F Datasheet HTML 3Page - EPCOS B82733F Datasheet HTML 4Page - EPCOS B82733F Datasheet HTML 5Page - EPCOS B82733F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
03/11
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
1500 V AC, 2 s (line/line)
Rated temperature TR
+40
C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 10 kHz, 0.1 mA, +20 °C.
Inductance is specified per winding.
Inductance tolerance
–30/+50% at +20 °C
Inductance decrease
L/L
0
<10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 10 kHz, 5 mA, +20 °C,
typical values
DC resistance Rtyp
Measured at +20 °C; typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: (+245
5) °C, (3 0.3) s
Wetting of soldering area
95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
(+260
5) °C, (10 1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
75% RH
Weight
Approx. 18 g
Approvals
EN 60938-2, UL 1283
Dimensions in mm
B82733F
Power line chokes
Current-compensated frame core double chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com