Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82733F Datasheet(PDF) 4 Page - EPCOS

Part # B82733F
Description  Current-compensated frame core double chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82733F Datasheet(HTML) 4 Page - EPCOS

  B82733F Datasheet HTML 1Page - EPCOS B82733F Datasheet HTML 2Page - EPCOS B82733F Datasheet HTML 3Page - EPCOS B82733F Datasheet HTML 4Page - EPCOS B82733F Datasheet HTML 5Page - EPCOS B82733F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
03/11
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
 = approval granted
IR
A
LR
mH
Lstray,typ
H
Rtyp
m
Ordering code
Approvals
0.7
100
2100
1810
B82733F2701B001

0.9
68
1440
1100
B82733F2901B001

1.1
47
970
804
B82733F2112B001

1.2
39
800
696
B82733F2122B001

1.4
27
530
440
B82733F2142B001

1.9
15
310
279
B82733F2192B001

2.3
10
200
188
B82733F2232B001

Impedance |Z| versus frequency f
measured with windings in parallel at 20 °C,
typical values
Current derating Iop/IR
versus ambient temperature TA
|Z|
f
IND0566-R
2
10
3
10
10 4
10 5
10 6
10 7
4
10
10 5
10 6
10 7
Hz
Ω
F2142B001
F2192B001
F2232B001
B82733
F2122B001
F2112B001
F2901B001
F2701B001
B82733F
Power line chokes
Current-compensated frame core double chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com