Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82732F Datasheet (PDF) - EPCOS

B82732F Datasheet PDF - EPCOS
Part # B82732F
Download  B82732F Download
File Size   634.23 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes Current-compensated frame core double chokes

B82732F Datasheet (PDF)

Go To PDF Page Download Datasheet
B82732F Datasheet PDF - EPCOS

Part # B82732F
Download  B82732F Click to download

File Size   634.23 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line chokes Current-compensated frame core double chokes

B82732F Datasheet (HTML) - EPCOS


B82732F Product details

Current-compensated frame core double chokes
250 V AC, 0.45 … 1.6 A, 10 … 100 mH, +40 °C

Features
■ High inductance with low resistance
■ Approx. 2% stray inductance for symmetrical interference suppression
■ High pulse-handling capability
■ Very good inductance/rated current ratio
■ Low height (13.5 mm)
■ Suitable for wave soldering
■ Design complies with EN 60938-2 (VDE 0565-2) and UL 1283
■ ENEC (VDE) and UL1 approval
■ RoHS-compatible 1 UL approval with 300 V AC

Applications
■ Suppression of common-mode and differential-mode interferences
■ Electronic ballasts for lamps
■ High power switch-mode power supplies for consumer electronics




Similar Part No. - B82732F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
112Kb / 6P
Power line chokes
B82732F2132B001 EPCOS-B82732F2132B001 Datasheet
112Kb / 6P
Power line chokes
logo
TDK Electronics
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
logo
EPCOS
B82732F2162B001 EPCOS-B82732F2162B001 Datasheet
112Kb / 6P
Power line chokes
logo
TDK Electronics
B82732F2162B001 TDK-B82732F2162B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
More results


Similar Description - B82732F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
B82720S2102N040 TDK-B82720S2102N040 Datasheet
812Kb / 8P
Power line chokes Current-compensated SMD ring core double chokes
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
Current-compensated frame core double chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com