Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82732F Datasheet(PDF) 2 Page - EPCOS

Part # B82732F
Description  Power line chokes Current-compensated frame core double chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732F Datasheet(HTML) 2 Page - EPCOS

  B82732F Datasheet HTML 1Page - EPCOS B82732F Datasheet HTML 2Page - EPCOS B82732F Datasheet HTML 3Page - EPCOS B82732F Datasheet HTML 4Page - EPCOS B82732F Datasheet HTML 5Page - EPCOS B82732F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated current 0.45 ... 1.6 A (+40 °C)
Rated inductance 10 ... 100 mH
Construction
Current-compensated frame core double choke
Closed magnetic circuit with frame construction made of ferrite
PET coil former (UL94 V-0)
4-section winding with direct winding on the core
Sector winding
Clearance and creepage distances >3 mm
Features
High inductance with low resistance
Approx. 2% stray inductance for symmetrical interference suppression
High pulse-handling capability
Very good inductance/rated current ratio
Low height (13.5 mm)
Suitable for wave soldering
Design complies with EN 60938-2 (VDE 0565-2) and UL 1283
ENEC (VDE) and UL1 approval
RoHS-compatible
1 UL approval with 300 V AC
Applications
Suppression of common-mode and differential-mode interferences
Electronic ballasts for lamps
High power switch-mode power supplies
for consumer electronics
Terminals
Base material CP wire
Hot dipped
Pins 0.7
u 0.7 mm
Lead spacing 10
u 18.75 mm
Marking
Manufacturer, date of manufacture (YYWWD), factory identification code,
ordering code, approval signs
Delivery mode
Polystyrene tray, anti-static, in cardboard box
B82732F
Power line chokes
Current-compensated frame core double chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com