Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP608 Datasheet (PDF) - Transys Electronics

CP608 Datasheet PDF - Transys Electronics
Part # CP608
Download  CP608 Download
File Size   112.4 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A

CP608 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP608 Datasheet PDF - Transys Electronics

Part # CP608
Download  CP608 Click to download

File Size   112.4 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A

CP608 Datasheet (HTML) - Transys Electronics


CP608 Product details

VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 6A



FEATURES

• Surge overload rating—125 Amperes peak

• Low forward voltage drop and reverse leakage

• Small size, simple installation

• Plastic package has Underwriter Laboratory

  Flammability Classification 94V-O

• Reliable low cost construction utilizing molded plastic technique



 




Similar Part No. - CP608

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP608 PANJIT-CP608 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
logo
Central Semiconductor C...
CP608 CENTRAL-CP608 Datasheet
395Kb / 2P
Power Transistor PNP - Amp/Switch Transistor Chip
CP608-2N3741 CENTRAL-CP608-2N3741 Datasheet
602Kb / 5P
PNP - High Current Transistor Die 4.0 Amp, 80 Volt
R0 20-July 2016
CP608-2N3741-CT CENTRAL-CP608-2N3741-CT Datasheet
519Kb / 5P
NPN - High Voltage Transistor Die
R0 8-April 2016
CP608-2N3741-CT CENTRAL-CP608-2N3741-CT Datasheet
809Kb / 5P
NPN - High Current Transistor Die 15 Amp, 60 Volt
R0 4-March 2016
More results


Similar Description - CP608

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
CP300 PANJIT-CP300 Datasheet
62Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
List of Unclassifed Man...
MTG-24128A ETC-MTG-24128A Datasheet
90Kb / 1P
MTG 24128A
logo
Microchip Technology
MTG-12864A MICROCHIP-MTG-12864A Datasheet
91Kb / 1P
MTG-12864A
MTG-32240A MICROCHIP-MTG-32240A Datasheet
75Kb / 1P
MTG-32240A
logo
List of Unclassifed Man...
MTG-12232D ETC-MTG-12232D Datasheet
78Kb / 1P
MTG-12232D
MTG-12232C ETC1-MTG-12232C Datasheet
72Kb / 1P
MTG-12232C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com