Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP608 Datasheet(PDF) 2 Page - Transys Electronics

Part # CP608
Description  SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

CP608 Datasheet(HTML) 2 Page - Transys Electronics

  CP608 Datasheet HTML 1Page - Transys Electronics CP608 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1.
Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface
for maximum heat transfer with #6 screw.
2.
Units Mounted on a 5.5×6.0 ×0.11” thick (14×15×0.3cm) AL plate.
3.
Units Mounted on P.C.B at 0.375”(9.5mm) lead length with 0.5×0.5”(12×12mm)copper pads.
4.
Measured at 1.0MHZ and applied reverse voltage of 4.0 Volts.
RATING AND CHARACTERISTIC CURVES
CP600 THRU CP608
Fig. 1-NON-RECURRENT SURGE RATING
Fig. 2-DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
Fig. 3-TYPICAL FORWARD CHARACTERISTICS
Fig. 4- TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com