Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84113C Datasheet (PDF) - EPCOS

B84113C Datasheet PDF - EPCOS
Part # B84113C
Download  B84113C Download
File Size   163.17 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description EMC filters

B84113C Datasheet (PDF)

Go To PDF Page Download Datasheet
B84113C Datasheet PDF - EPCOS

Part # B84113C
Download  B84113C Click to download

File Size   163.17 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description EMC filters

B84113C Datasheet (HTML) - EPCOS


B84113C Product details

2-line filters
SIFI-C for very high insertion loss

Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 3 to 10 A

Features
■ Compact design
■ Optimized leakage current
■ Cost-optimized construction
■ Also for assembly on top-hat rails
■ ENEC10, UL and CSA approval

Applications
■ Switch-mode power supplies in
    – industrial electronics
    – telecommunications
    – data systems
    – medical equipment
■ DC applications




Similar Part No. - B84113C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84113-C-A110 EPCOS-B84113-C-A110 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-A60 EPCOS-B84113-C-A60 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-B110 EPCOS-B84113-C-B110 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84113-C-B30 EPCOS-B84113-C-B30 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
More results


Similar Description - B84113C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
EMC filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
EMC filters
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
EMC filters
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com