Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84113C Datasheet(PDF) 2 Page - EPCOS

Part # B84113C
Description  EMC filters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84113C Datasheet(HTML) 2 Page - EPCOS

  B84113C Datasheet HTML 1Page - EPCOS B84113C Datasheet HTML 2Page - EPCOS B84113C Datasheet HTML 3Page - EPCOS B84113C Datasheet HTML 4Page - EPCOS B84113C Datasheet HTML 5Page - EPCOS B84113C Datasheet HTML 6Page - EPCOS B84113C Datasheet HTML 7Page - EPCOS B84113C Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-line filters
B84113C
SIFI-C for very high insertion loss
Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 3 to 10 A
Alternative version
■ Series B84113H (SIFI-H)
offers a low-cost solution
Construction
■ 2-line filters
■ Metal case
■ Polyurethane potting (UL 94 V-0)
Features
■ Compact design
■ Optimized leakage current
■ Cost-optimized construction
■ Also for assembly on top-hat rails
■ ENEC10, UL and CSA approval
Applications
■ Switch-mode power supplies in
– industrial electronics
– telecommunications
– data systems
– medical equipment
■ DC applications
Case styles and terminal styles
Case style A
Tab connectors on face ends, lateral fixing lugs.
Particularly suitable for mounting on a shielding wall.
Case style B
Tab connectors on face ends, fixing lugs on face ends.
Case style K
IEC connector as per IEC 60320 C 14 on line side,
tab connectors on load side, mounting holes with metric thread.
Case style L
Litz wires on face ends, fixing lugs on face ends
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current, rated temperature,
climatic category, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com