Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2596 Datasheet (PDF) - ACE Technology Co., LTD.

ACE2596 Datasheet PDF - ACE Technology Co., LTD.
Part # ACE2596
Download  ACE2596 Download
File Size   241.25 Kbytes
Page   11 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 150KHz 3A Buck DC-DC Converter

ACE2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE2596 Datasheet PDF - ACE Technology Co., LTD.

Part # ACE2596
Download  ACE2596 Click to download

File Size   241.25 Kbytes
Page   11 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 150KHz 3A Buck DC-DC Converter

ACE2596 Datasheet (HTML) - ACE Technology Co., LTD.


ACE2596 Product details

Description

The ACE2596 series of regulators are fixed frequency PWM buck (step-down) DC/DC converter, capable of driving a 3A load with excellent line and load regulation. These regulators include internal frequency compensation and a fixed frequency oscillator so that they are easy to use. A system adopting ACE2596 requires a minimum number of external components to work.

A standard series of inductors, optimized for use with the ACE2596 series, are available from several manufacturers. This feature greatly simplifies the design of switch-mode power supplies. These ICs are available in TO-263-5 packages.



Features

  3.3V, 5V, 12V Fixed(±4% Tolerance) and Adjustable (±3% Tolerance) Output Versions

  Guaranteed 3A Output Load Current

  150kHz Fixed Frequency Internal Oscillator

  Input Voltage Range up to 32V

  Requires only 4 external components

  High Efficiency up to 90%

  Excellent Line and Load Regulation

  TTL Shutdown Capability

  Low Power Standby Mode, IQ Typically 80μA

  Built-in Current Limit Protection and Thermal Shutdown Circuit

 

Application

  LCD Monitor and LCD TV

  On-Card DC-DC Converter

  DVD Recorder

  PDP



 




Similar Part No. - ACE2596

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
ACE259612WM+H ACE-ACE259612WM+H Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
ACE259633WM+H ACE-ACE259633WM+H Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
ACE259650WM+H ACE-ACE259650WM+H Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
ACE2596ADJWM+H ACE-ACE2596ADJWM+H Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
More results


Similar Description - ACE2596

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com