Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3003
Download  AP3003 Download
File Size   258.04 Kbytes
Page   16 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150kHz 3A BUCK DC-DC CONVERTER

AP3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3003 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3003
Download  AP3003 Click to download

File Size   258.04 Kbytes
Page   16 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 150kHz 3A BUCK DC-DC CONVERTER

AP3003 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3003 Product details

General Description
The AP3003 series of regulators are fixed frequency PWM buck (step-down) DC/DC converter, capable of driving a 3A load with excellent line and load regulation. These regulators include internal frequency compensation and a fixed frequency oscillator so that they are easy to use. A system adopting AP3003 requires a minimum number of external components to work.
   
Features
• 3.3V, 5V, 12V Fixed (±4% Tolerance) and
    Adjustable (±3% Tolerance) Output Versions
• Guaranteed 3A Output Load Current
• 150kHz Fixed Frequency Internal Oscillator
• Input Voltage Range up to 32V
• Requires only 4 external components
• High Efficiency up to 90%
• Excellent Line and Load Regulation
• TTL Shutdown Capability
• Low Power Standby Mode, IQ Typically 80µA
• Built-in Current Limit Protection and Thermal
    Shutdown Circuit
   
Applications
• LCD Monitor and LCD TV
• On-Card DC-DC Converter
• DVD Recorder
• PDP
   




Similar Part No. - AP3003

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
AP3000 EXTREMENETWORKS-AP3000 Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
AP3000-IL EXTREMENETWORKS-AP3000-IL Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
AP3000-TN EXTREMENETWORKS-AP3000-TN Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
AP3000-WW EXTREMENETWORKS-AP3000-WW Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
logo
Advanced Semiconductor
AP3000A-00 ASI-AP3000A-00 Datasheet
15Kb / 1P
SILICON PIN DIODE CHIP
More results


Similar Description - AP3003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com