Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3003 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
3
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3003
ON/OFF
FEEDBACK
VIN
OUTPUT
GND
+
_
+
_
+
_
+
_
START UP
2.5V
REGULATOR
1.23V
REFERENCE
LATCH
150KHz
OSC
DRIVER
&
INV
THERMAL
SHUTDOWN
EA
COMP
COMP
COMP
2.5V
Bias
Current
Frequency Shift
220
mV
200
mV
1:100
R2
R1
1
2
3
4
5
R1=2.49k
Ω R2=4.18kΩ
R1=2.49k
Ω R2=7.57kΩ
R1=2.49k
Ω R2=21.8kΩ
For 3.3V
5V
12V
ADJ
4.4
R1=Open
R2=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com