Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
12
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 20. Typical Application of AP3003-5.0V
Figure 19. Typical Application of AP3003-3.3V
L1: Sumida CDRH127/LDNP-220MC or Equivalent
L1: Sumida CDRH127/LDNP-220MC or Equivalent
Typical Application
+
+
L1
22µH
D1
1N5822
C
OUT
ON/OFF
GND
V
IN
OUTPUT
FEEDBACK
220µF
C
IN
470µF
Regulated
DC Output
3A Load
AP3003-3.3V
4
2
5
3
1
+
+
L1
22
µH
D1
1N5822
C
OUT
ON/OFF
GND
V
IN
OUTPUT
FEEDBACK
220
µF
C
IN
470
µF
12V
Unregulated
DC Input
Regulated
DC Output
3A Load
AP3003-5.0V
4
2
5
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com