Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3003 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
6
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
5.5V
≤V
IN≤32V,
0.2A
≤I
LOAD≤3A
3.168
3.135
3.3
3.432
3.465
V
Efficiency
η
VIN=12V, ILOAD=3A
75
%
For 3.3V Output Voltage Version
Unless otherwise specified, TJ=25
oC. The specifications with boldface type apply over Full Operating Junction
Temperature Range.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
7V
≤V
IN≤32V,
0.2A
≤I
LOAD≤3A
4.800
4.750
5
5.200
5.250
V
Efficiency
η
VIN=12V, ILOAD=3A
80
%
For 5V Output Voltage Version
Unless otherwise specified, TJ=25
oC. The specifications with boldface type apply over Full Operating Junction
Temperature Range.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Feedback Voltage
VFB
4.5V
≤V
IN≤25V,
0.2A
≤I
LOAD≤3A,
VOUT programmed for 2.5V
1.193
1.18
1.23
1.267
1.28
V
Efficiency
η
VIN=12V, ILOAD=3A, VOUT=2.5V
73
%
For ADJ Output Voltage Version
Unless otherwise specified, TJ=25
oC. The specifications with boldface type apply over Full Operating Junction
Temperature Range.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
15V
≤V
IN≤32V,
0.2A
≤I
LOAD≤3A
11.52
11.40
12.0
12.48
12.60
V
Efficiency
η
VIN=24V, ILOAD=3A
88
%
For 12V Output Voltage Version
Unless otherwise specified, TJ=25
oC. The specifications with boldface type apply over Full Operating Junction
Temperature Range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com