Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3003 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
4
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Ordering Information
Circuit Type
Package
T: TO-220-5
ADJ: Adjustable Output
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
E1: Lead Free
AP3003
-
TR: Tape and Reel
Blank: Tube
S: TO-263-5
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Lead Free
TO-220-5
-40 to 85oC
AP3003T-ADJE1
AP3003T-ADJE1
Tube
AP3003T-3.3E1
AP3003T-3.3E1
Tube
AP3003T-5.0E1
AP3003T-5.0E1
Tube
AP3003T-12E1
AP3003T-12E1
Tube
TO-263-5
-40 to 85oC
AP3003S-ADJE1
AP3003S-ADJE1
Tube
AP3003S-ADJTRE1
AP3003S-ADJE1
Tape & Reel
AP3003S-3.3E1
AP3003S-3.3E1
Tube
AP3003S-3.3TRE1
AP3003S-3.3E1
Tape & Reel
AP3003S-5.0E1
AP3003S-5.0E1
Tube
AP3003S-5.0TRE1
AP3003S-5.0E1
Tape & Reel
AP3003S-12E1
AP3003S-12E1
Tube
AP3003S-12TRE1
AP3003S-12E1
Tape & Reel
12:
Fixed Output 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com