Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3003 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
11
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 18. Switching Frequency vs. Junction Temperature
Figure 16. On/Off Threshold Voltage
Figure 17. On/Off Pin Current vs. On/Off Pin Voltage
-40
-20
0
2040
6080
100
120
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
OFF
ON
Junction Temperature (
OC)
V
IN
=12V
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
0
1
2
3
4
5
6
7
8
ON/OFF Pin Voltage (V)
V
IN
=32V, T
J
=25
OC
-40
-20
0
2040
6080
100
120
120
124
128
132
136
140
144
148
152
156
160
Junction Temperature (
OC)
vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com