Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3003 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3003
Description  150kHz 3A BUCK DC-DC CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3003 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3003 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3003 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
150kHz 3A BUCK DC-DC CONVERTER
AP3003
Data Sheet
10
Feb. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 14. Quiescent Current vs. Junction Temperature
Figure 12. Switch Current Limit vs. Junction Temperature
Figure 13. Quiescent Current vs. Supply Voltage
Figure 15. Shutdown Quiescent Current vs. Input Voltage
-40
-20
0
2040
6080
100
120
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
Junction Temperature (
OC)
V
IN
=12V
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Supply Voltage (V)
T
J
=25
OC
V
ON/OFF
=0, Switch Off
-40
-20
0
2040
6080
100
120
2.50
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.25
5.50
Junction Temperature (
oC)
V
IN
=12V
V
ON/OFF
=0V, Switch OFF
0
4
8
12
16
20
24
28
32
36
0
20
40
60
80
100
120
140
160
180
Supply Voltage (V)
T
J
=25
OC
V
ON/OFF
=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com